| データシートサーチシステム |
|
1MT0750-R82MF データシート(PDF) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
1MT0750-R82MF データシート(HTML) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
8 / 8 page ![]() 8 1MT Series High Current Shielded Power Inductor Accetek Electronics (Shenzhen) Co., Ltd. www.accetek.com 1MT‐2014E Accetek F RECOMMENDED SOLDERING PROFILE Profile Feature Recommended Conditions Average ramp-up rate 3°C/second max. (Tsmax to Tp) Preheat Temperature Min (Tsmin) 100°C Temperature Max (Tsmax) 150°C Time (Tsmin to Tsmax)(ts) 60-180 seconds Time maintained above: Temperature (TL) 217°C Time (tL) 60-150 seconds Peak Temperature (Tp) See Table2 Time within 5°C of actual Peak 20-40 seconds Temperature (tp)2 Ramp-down Rate 6°C/second max. Time 25°C to Peak Temperature 8 minutes max Package Volume mm3 Volume mm3 Volume mm3 Thickness <350 350 - 2000 >2000 < 1.6mm 260°C 260°C 260°C 1.6mm - 2.5mm 260°C 250°C 245°C >2.5mm 250°C 245°C 245°C Table 2 Table 1 1. The above profiles are based on IPC/JEDEC J-STD-020C. 2. Exceeding these conditions may cause lowered product reliability. |