データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPN4920WS8RGB データシート(PDF) 1 Page - SYNC POWER Crop.

部品番号 SPN4920WS8RGB
部品情報  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNC-POWER [SYNC POWER Crop.]
ホームページ  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN4920WS8RGB データシート(HTML) 1 Page - SYNC POWER Crop.

  SPN4920WS8RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 8Page - SYNC POWER Crop. SPN4920WS8RGB Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2011/ 09/ 30
Ver.2
Page 1
SPN4920W
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN4920W is the N-Channel logic enhancement
mode power field effect transistors are produced using
high cell density , DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application , notebook computer power management and
other
battery
powered
circuits
where
high-side
switching .
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION(SOP – 8P)
PART MARKING
30V/6.8A,RDS(ON)= 35mΩ@VGS= 10V
30V/5.6A,RDS(ON)= 46mΩ@VGS= 4.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOP – 8P package design


同様の部品番号 - SPN4920WS8RGB

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
SPN4920W DOINGTER-SPN4920W Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results

同様の説明 - SPN4920WS8RGB

メーカー部品番号データシート部品情報
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com