データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961NG-G データシート(PDF) 3 Page - Supertex, Inc

部品番号 HV9961NG-G
部品情報  LED Driver with Average-Mode Constant Current Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9961NG-G データシート(HTML) 3 Page - Supertex, Inc

  HV9961NG-G Datasheet HTML 1Page - Supertex, Inc HV9961NG-G Datasheet HTML 2Page - Supertex, Inc HV9961NG-G Datasheet HTML 3Page - Supertex, Inc HV9961NG-G Datasheet HTML 4Page - Supertex, Inc HV9961NG-G Datasheet HTML 5Page - Supertex, Inc HV9961NG-G Datasheet HTML 6Page - Supertex, Inc HV9961NG-G Datasheet HTML 7Page - Supertex, Inc HV9961NG-G Datasheet HTML 8Page - Supertex, Inc HV9961NG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HV9961
Supertex inc.
www.supertex.com
Sym
Description
Min
Typ
Max
Units Conditions
Internal Regulator
V
DD
Internally regulated voltage
-
7.25
7.50
7.75
V
V
IN = 8.0V, IDD(ext) = 0,
500pF at GATE; R
T = 226kΩ
ΔV
DD, line
Line regulation of V
DD
-
0
-
1.0
V
V
IN = 8.0 - 450V, IDD(ext) = 0,
500pF at GATE; R
T = 226kΩ
ΔV
DD, load
Load regulation of V
DD
-
0
-
100
mV
I
DD(ext) = 0 - 1.0mA,
500pF at GATE; R
T = 226kΩ
UVLO
V
DD undervoltage lockout
threshold
*
6.45
6.70
6.95
V
V
IN rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
-
500
-
mV
V
IN falling
I
IN,MAX
Maximum input current
(limited by UVLO)
#
3.5
-
-
mA
V
IN = 8.0V, TA = 25
O
C
#
1.5
-
-
V
IN = 8.0V, TA = 125
O
C
PWM Dimming
V
EN(lo)
PWMD input low voltage
*
-
-
0.8
V
V
IN = 8.0 - 450V
V
EN(hi)
PWMD input high voltage
*
2.2
-
-
V
V
IN = 8.0 - 450V
R
EN
Internal pull-down resistance
at PWMD
-
50
100
150
kΩ
V
PWMD = 5.0V
Average Current Sense Logic
V
CS
Current sense reference voltage -
268
-
286
mV
---
A
V(LD)
LD-to-CS voltage ratio
-
0.182
-
0.188
-
---
AV
LD(OFFSET)
LD-to-CS voltage offset
-
0
-
10
mV
Offset = V
CS - AV(LD) • VLD;
V
LD = 1.2V
-
CS threshold temp regulation
*
-
-
5.0
mV
---
V
LD(OFF)
LD input voltage, shutdown
-
-
150
-
mV
V
LD falling
ΔV
LD(OFF)
LD input voltage, enable
-
-
200
-
mV
V
LD rising
T
BLANK
Current sense blanking interval
*
150
-
320
ns
---
T
ON(min)
Minimum on-time
-
-
-
1000
ns
CS = V
CS +30mV
D
MAX
Maximum steady-state duty
cycle
-
75
-
-
%
Reduction in output LED current
may occur beyond this duty cycle
Short Circuit Protection
V
CS
Hiccup threshold voltage
-
410
-
470
mV
---
T
DELAY
Current limit delay CS-to-GATE
-
-
-
150
ns
CS = V
CS +30mV
T
HICCUP
Short circuit hiccup time
-
350
-
550
μs
---
T
ON(min)
Minimum on-time (short circuit)
-
-
-
430
ns
CS = V
DD
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C.
#
Guaranteed by design.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = 12V, VLD = VDD, PWMD = VDD unless otherwise noted))



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com