データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961 データシート(PDF) 7 Page - Supertex, Inc

部品番号 HV9961
部品情報  LED Driver with Average-Mode Constant Current Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9961 データシート(HTML) 7 Page - Supertex, Inc

  HV9961 Datasheet HTML 1Page - Supertex, Inc HV9961 Datasheet HTML 2Page - Supertex, Inc HV9961 Datasheet HTML 3Page - Supertex, Inc HV9961 Datasheet HTML 4Page - Supertex, Inc HV9961 Datasheet HTML 5Page - Supertex, Inc HV9961 Datasheet HTML 6Page - Supertex, Inc HV9961 Datasheet HTML 7Page - Supertex, Inc HV9961 Datasheet HTML 8Page - Supertex, Inc HV9961 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HV9961
Supertex inc.
www.supertex.com
PWM Dimming
Due to the fast open-loop response of the average-current
control loop of the HV9961, its PWM dimming performance
nearly matches that of the HV9910B. The inductor current
waveform comparison is shown in Fig. 4.
Fig.4. Typical PWM dimming response of an HV9961
LED driver.
[CH2 (red): PWMD; CH4 (green): Inductor Current; CH3 (blue):
Same as HV9910B for comparison]
The rising and falling edges are limited by the current slew
rate in the inductor. The first switching cycle is terminated
upon reaching the 275mV (V
LD • 0.185) level at CS. The cir-
cuit is further reaching its steady-state within 3~4 switching
cycles regardless of the switching frequency.
Pin Description
Pin #
Function Description
8-Lead SOIC
16-Lead SOIC
1
1
VIN
This pin is the input of an 8.0 - 450V linear regulator.
2
4
CS
This pin is the current sense pin used to sense the FET current by means
of an external sense resistor.
3
5
GND
Ground return for all internal circuitry. This pin must be electrically con-
nected to the ground of the power train.
4
8
GATE
This pin is the output GATE driver for an external N-channel power
MOSFET.
5
9
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND,
the gate driver is turned off. When the pin is pulled high, the gate driver
operates normally.
6
12
VDD
This is the power supply pin for all internal circuits. It must be bypassed
with a low ESR capacitor to GND (at least 0.1μF).
7
13
LD
This pin is the linear dimming input, and it sets the current sense thresh-
old as long as the voltage at this pin is less than 1.5V. If voltage at LD falls
below 150mV, the GATE output is disabled. The GATE signal recovers at
200mV at LD.
8
14
RT
A resistor connected between this pin and GND programs the GATE off-
time.
-
2, 3, 6, 7, 10,
11, 15, 16
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com