データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9961 データシート(PDF) 6 Page - Supertex, Inc

部品番号 HV9961
部品情報  LED Driver with Average-Mode Constant Current Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9961 データシート(HTML) 6 Page - Supertex, Inc

  HV9961 Datasheet HTML 1Page - Supertex, Inc HV9961 Datasheet HTML 2Page - Supertex, Inc HV9961 Datasheet HTML 3Page - Supertex, Inc HV9961 Datasheet HTML 4Page - Supertex, Inc HV9961 Datasheet HTML 5Page - Supertex, Inc HV9961 Datasheet HTML 6Page - Supertex, Inc HV9961 Datasheet HTML 7Page - Supertex, Inc HV9961 Datasheet HTML 8Page - Supertex, Inc HV9961 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
HV9961
Supertex inc.
www.supertex.com
The short circuit protection comparator trips when the volt-
age at CS exceeds 0.44V. When this occurs, the GATE off-
time T
HICCUP = 400µs is generated to prevent stair-casing
of the inductor current and potentially its saturation due to
insufficient output voltage. The typical short-circuit current is
shown in the waveform of Fig. 2.
Fig.2. Short-circuit inductor current.
A leading-edge blanking delay is provided at CS to prevent
false triggering of the current feedback and the short circuit
protection.
Linear Dimming
When the voltage at LD falls below 1.5V, the internal 275mV
reference to the constant-current feedback becomes over-
ridden by V
LD • 0.185. As long as the current in the inductor
remains continuous, the LED current is given by the equa-
tion (3) above. However, when V
LD falls below 150mV, the
GATE output becomes disabled. The GATE signal recovers,
when V
LD exceeds 200mV. This is required in some applica-
tions to be able to shut the LED lamp off with the same signal
input that controls the brightness. The typical linear dimming
response is shown in Fig.3.
Fig.3. Typical linear dimming response of an HV9961
LED driver
The linear dimming input could also be used for “mixed-
mode” dimming to expand the dimming ratio. In such case a
pulse-width modulated signal of a measured amplitude be-
low 1.5V should be applied at LD.
Input Voltage Regulator
The HV9961 can be powered directly from an 8.0 ~ 450VDC
supply through its VIN input. When this voltage is applied at
the VIN pin, the HV9961 maintains a constant 7.5V level at
VDD. This voltage can be used to power the IC and external
circuitry connected to VDD within the rated maximum cur-
rent or within the thermal ratings of the package, whichever
limit is lower. The VDD pin must be bypassed by a low ESR
capacitor to provide a low impedance path for the high fre-
quency current of the GATE output. The HV9961 can also be
powered through the VDD pin directly with a voltage greater
than the internally regulated 7.5V, but less than 12V.
Despite the instantaneous voltage rating of 450V, continu-
ous voltage at VIN is limited by the power dissipation in the
package. For example, when HV9961 draws I
IN = 2.0mA
from the VIN input, and the 8-pin SOIC package is used, the
maximum continuous voltage at VIN is limited to:
V
IN(MAX) =
(T
J(MAX) - TA ) = 390V
(5)
R
θ,J-A • IIN
where the ambient temperature T
A = 25
O
C, the maximum
working junction temperature T
J(MAX) = 125
O
C, the junction-
to-ambient thermal resistance R
θ,JA = 128
O
C/W.
In such cases, when it is needed to operate the HV9961
from a higher voltage, a resistor or a Zener diode can be
added in series with the VIN input to divert some of the
power loss from the HV9961. In the above example, using
a 100V Zener diode will allow the circuit to work up to 490V.
The input current drawn from the VIN pin is represented by
the following equation:
I
IN ≈ 1.0mA + QG • fS
(6)
In the above equation, f
S is the switching frequency, and QG
is the GATE charge of the external FET obtained from the
manufacturer’s datasheet.
GATE Output
The GATE output of the HV9961 is used to drive an external
MOSFET. It is recommended that the gate charge Q
G of the
external MOSFET be less than 25nC for switching frequen-
cies ≤100kHz and less than 15nC for switching frequencies
>100kHz.
400µs
0.44V/R
CS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
LD (V)
LD Response Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com