データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC009221 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 SC009221
部品情報  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E Ink® Evaluation Guide
10
Vendor
URL
Contact Info
Hirose
www.hirose.com
Contact Hirose Support
Molex
www.molex.com
Contact Molex Support
Kyocera
www.kyocera.com
Contact Kyocera
4.2 ACF Tape Connections
ACF Tape is the recommended connection method for E Ink Segmented displays which have a
larger number of pin outs. The ACF bonding process involves the application of anisotropic
tape to a substrate, with the bond being completed by a combination of heat, pressure and time.
Anisotropic film is comprised of an epoxy/acrylate adhesive matrix loaded with conductive
particles. The particles allow interconnection of circuit lines after bonding. ACF tape can be
used to bond one FPC to another FPC or to a PCB. Final bonding must be done with a typical
bond line temperature of 135 - 150°C.
For more information on ACF Technology:
3M Anisotropic Tape
Using ACF Tapes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12