| データシートサーチシステム |
|
SC009221 データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SC009221 データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 12 page ![]() E Ink® Evaluation Guide 9 3.6 5 Volt MCUs E Ink Segmented displays work with a variety of MCUs from different vendors. Any 5V supply with sufficient I/Os will be compatible. MCU Vendor URL Contact Information Renesas RL78 MCUs Contact Renesas Support Freescale 9S08 MCUs Contact Freescale Support Microchip PIC24 MCUs Contact Microchip Support 4.0 Connecting Segmented Displays to your PCB E Ink Segmented displays can be connected to your PCB by a number of different methods, supporting a wide array of applications. The key determinant of the method of connection is the number of segments in your display, which determines the pin out count. Displays with fewer than 60 segments can use traditional FPC connectors. When segment counts exceed that range, E Ink recommends the use of ACF tape and heat seal bonding. ACF bonding is common scenario for exceptionally small displays, and or applications in which thinness is a requirement for a successful design. 4.1 Standard FPC Connections E Ink Segmented displays can work with any Flat Printed Circuit (FPC) connectors. The advantages of using an FPC connector include ease of assembly, ease of rework, and no need for specialized equipment in mass production. E Ink Segmented displays work with a variety of standard, commercially available connectors. For more information about FPC connectors, see the table below, or refer to Section 5.0 for standard parts connectors: TTC Part Segments Packages Interface TT30036D 40 Bare Die / BGA / COF I2C TT31090 94 Bare Die / COF I2C TT30120 122 Bare Die / COF I2C/SPI TT30160 160 Bare Die / COF I2C/SPI TT30256 256 Bare Die / COF I2C/SPI |