| データシートサーチシステム |
|
HT47C20L データシート(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C20L データシート(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 55 page ![]() ADDM A,[m] Add accumulator to data memory Description The contents of the specified data memory and the accumulator are added. The result is stored in the data memory. Operation [m] ¬ ACC+[m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ AND A,[m] Logical AND accumulator with data memory Description Data in the accumulator and the specified data memory performs a bitwise logical_AND operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²AND² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ AND A,x Logical AND immediate data to accumulator Description Data in the accumulator and the specified data performs a bitwise logi- cal_AND operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²AND² x Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ ANDM A,[m] Logical AND data memory with accumulator Description Data in the specified data memory and the accumulator performs a bitwise logical_AND operation. The result is stored in the data memory. Operation [m] ¬ ACC ²AND² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ HT47C20L 39 January 18, 2000 |