| データシートサーチシステム |
|
HT47C20L データシート(PDF) 52 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C20L データシート(HTML) 52 Page - Holtek Semiconductor Inc |
|
52 / 55 page ![]() SUB A,x Subtract immediate data from accumulator Description The immediate data specified by the code is subtracted from the contents of the accumulator, leaving the result in the accumulator. Operation ACC ¬ ACC+x+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ SWAP [m] Swap nibbles within the data memory Description The low-order and high-order nibbles of the specified data memory (one of the data memories) are interchanged. Operation [m].3~[m].0 « [m].7~[m].4 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SWAPA [m] Swap data memory and place result in accumulator Description The low-order and high-order nibbles of the specified data memory are interchanged, writing the result to the accumulator. The contents of the data memory remain unchanged. Operation ACC.3~ACC.0 ¬ [m].7~[m].4 ACC.7~ACC.4 ¬ [m].3~[m].0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SZ [m] Skip if data memory is zero Description If the contents of the specified data memory is zero, the following instruc- tion, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction. This is a 2-cycle in- struction. Otherwise proceed with the next instruction. Operation Skip if [m]=0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ HT47C20L 52 January 18, 2000 |