データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TO-252 データシート(PDF) 7 Page - Littelfuse

部品番号 TO-252
部品情報  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-252 データシート(HTML) 7 Page - Littelfuse

  TO-252 Datasheet HTML 1Page - Littelfuse TO-252 Datasheet HTML 2Page - Littelfuse TO-252 Datasheet HTML 3Page - Littelfuse TO-252 Datasheet HTML 4Page - Littelfuse TO-252 Datasheet HTML 5Page - Littelfuse TO-252 Datasheet HTML 6Page - Littelfuse TO-252 Datasheet HTML 7Page - Littelfuse TO-252 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheets
Packing Options
2004 Littelfuse, Inc.
M3 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
TO-263 Embossed Carrier Reel Pack (RP)
Meets all EIA-481-2 Standards
DO-214 Embossed Carrier Reel Pack (RP)
Meets all EIA-481-1 Standards
Gate
MT1 / Cathode
MT2 / Anode
0.512 (13.0) Arbor
Hole Dia.
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
* Cover tape
0.059
DIA
(1.5)
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape



Html Pages

1 2 3 4 5 6 7 8