データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TO-252 データシート(PDF) 8 Page - Littelfuse

部品番号 TO-252
部品情報  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-252 データシート(HTML) 8 Page - Littelfuse

  TO-252 Datasheet HTML 1Page - Littelfuse TO-252 Datasheet HTML 2Page - Littelfuse TO-252 Datasheet HTML 3Page - Littelfuse TO-252 Datasheet HTML 4Page - Littelfuse TO-252 Datasheet HTML 5Page - Littelfuse TO-252 Datasheet HTML 6Page - Littelfuse TO-252 Datasheet HTML 7Page - Littelfuse TO-252 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 8
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Compak Embossed Carrier Reel Pack (RP)
Meets all EIA-481-1 Standards
DO-15X and DO-35 Reel Pack (RP)
Meets all EIA RS-296 Standards
8.0
Anode / MT2
Cathode / MT1
Gate
0.47
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
3.15 (80.0) TYP
DO-15X
DO-35
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.252
(6.4)
0.898
(22.8)
0.197
(5.0)
2.063
(52.4)
10.0 - 14.0
(254.0 - 356.0)
0.252
(6.4)
0.956
(24.3)
0.197
(5.0)
2.063
(52.4)



Html Pages

1 2 3 4 5 6 7 8