データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GMS30004 データシート(PDF) 68 Page - Hynix Semiconductor

部品番号 GMS30004
部品情報  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 データシート(HTML) 68 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 64Page - Hynix Semiconductor GMS30004 Datasheet HTML 65Page - Hynix Semiconductor GMS30004 Datasheet HTML 66Page - Hynix Semiconductor GMS30004 Datasheet HTML 67Page - Hynix Semiconductor GMS30004 Datasheet HTML 68Page - Hynix Semiconductor GMS30004 Datasheet HTML 69Page - Hynix Semiconductor GMS30004 Datasheet HTML 70Page - Hynix Semiconductor GMS30004 Datasheet HTML 71Page - Hynix Semiconductor GMS30004 Datasheet HTML 72Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 158 page
background image
5 - 14
5.3 Closing the Simulator
Using the pop-up command Exit (Hot key [ALT]-[X]) or In-line command > Q,
exit from the simulator environment.
When execute the command, the following message comes up for the check-
up asking the user`s intention to store, if user does not store the changed file
after changing the loaded file to work. Use Tab key or left, right direction key
to select YES/NO.
Also for recording the work contents, even when exiting the simulator without
Log OFF, Log OFF is done automatically and GMS30K.LOG file is stored.
Program have changed. Save it ?
Yes
No
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More