データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GMS30004 データシート(PDF) 71 Page - Hynix Semiconductor

部品番号 GMS30004
部品情報  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 データシート(HTML) 71 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 67Page - Hynix Semiconductor GMS30004 Datasheet HTML 68Page - Hynix Semiconductor GMS30004 Datasheet HTML 69Page - Hynix Semiconductor GMS30004 Datasheet HTML 70Page - Hynix Semiconductor GMS30004 Datasheet HTML 71Page - Hynix Semiconductor GMS30004 Datasheet HTML 72Page - Hynix Semiconductor GMS30004 Datasheet HTML 73Page - Hynix Semiconductor GMS30004 Datasheet HTML 74Page - Hynix Semiconductor GMS30004 Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 158 page
background image
5 - 17
22) MPS (Move Program memory)
To transfer data in the memory area to another area.
23) P (Port set)
To set the specified data at the specified I/O register.
24) Q (Quit)
To return to MS-DOS*.
25) R (Register dump or change)
To display or modify the register data.
26) SET (setup)
To set the operation Mode for the simulator.
27) SL (Symbol file Load)
To load symbol tables from the specified symbol file.
28) ST (Status)
To display the simulator status.
29) T (Trace)
To execute the program in the specified program memory address a single step.
30) TMT(Time)
To obtain time from the No. of machine cycles and clock frequency.
31) TMC (Time)
To obtain No. of machine cycle from the time and clock frequency.
32) U (Unassemble)
To unassemble data in the area specified with <In> from the specified <address>
and display in mnemonic.
33) Wp (Write Program to MS-DOS* file)
To read-out data in all the ROM area and write the Intel hexa data in the files
specified with <file name>.
34) ? (Help)
To display the list of commands of this simulator
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More