| データシートサーチシステム |
|
AT89SND2CMP3B データシート(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89SND2CMP3B データシート(HTML) 4 Page - ATMEL Corporation |
|
4 / 242 page ![]() 4 4341H–MP3–10/07 AT8xC51SND2C/MP3B 4. Pin Description 4.1 Pinouts Figure 4-1. AT8xC51SND2C 100-pin BGA Package (no ADC) Notes: 1. ISP pin is only available in AT89C51SND2C product. Do not connect this pin on AT83SND2C product. 2. NC is Do Not Connect. AUXN 8 9 7 6 5 4 3 2 C B A D E F G H 1 ALE NC AUDVDD HSVDD HSVSS AUDVSS AUDVCM NC HSL HSR PVSS INGND D+ P0.0/ NC PVDD LINEL X2 D- NC P0.3/ NC AUDVREF FILT LINER X1 VSS VSS MONON P0.4/ P0.5/ VSS P3.0/ TST P3.6/ VDD P4.2/ P0.6/ P0.7/ VDD P3.1/ P3.4/ P3.5/ P3.7/ P4.1/ P4.0/ P4.3/ NC ESDVSS P3.2/ DSEL DCLK LPHN P2.0/ P2.1/ P2.5/ MCLK VDD NC SCLK DOUT CBP NC P2.2/ P2.3/ P2.7/ VSS MDAT AUDRST VSS AUDVSS J P0.2/ P0.1/ NC AUXP MONOP AD7 SS WR NC VDD P2.4/ P2.6/ EA MCMD RST NC VDD UVSS UVDD VDD P3.3/ AUDVSS HPN AUDVBAT HPP PAINN PAINP MOSI SCK MISO K A8 KIN0 AD0 AD4 AD3 AD2 AD1 SCL SDA AD5 A9 A10 A11 A12 A13 A14 A15 T0 T1 TXD RXD RD INT1 INT0 ISP/ 10 AD6 NC |