| データシートサーチシステム |
|
AT89SND2CMP3B データシート(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89SND2CMP3B データシート(HTML) 43 Page - ATMEL Corporation |
|
43 / 242 page ![]() 43 4341H–MP3–10/07 AT8xC51SND2C/MP3B Table 9-6. IPH0 Register IPH0 (S:B7h) – Interrupt Priority High Register 0 Reset Value = X000 0000b 7 6 5 4 3 2 1 0 - IPHAUD IPHMP3 IPHS IPHT1 IPHX1 IPHT0 IPHX0 Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 IPHAUD Audio Interface Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 5 IPHMP3 MP3 Decoder Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 4 IPHS Serial Port Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 3 IPHT1 Timer 1 Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 2 IPHX1 External Interrupt 1 Priority Level MSB Refer to Table 9-2 for priority level description. 1 IPHT0 Timer 0 Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 0 IPHX0 External Interrupt 0 Priority Level MSB Refer to Table 9-2 for priority level description. |