データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDM8513 データシート(PDF) 50 Page - Hynix Semiconductor

部品番号 HDM8513
部品情報  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 データシート(HTML) 50 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 46Page - Hynix Semiconductor HDM8513 Datasheet HTML 47Page - Hynix Semiconductor HDM8513 Datasheet HTML 48Page - Hynix Semiconductor HDM8513 Datasheet HTML 49Page - Hynix Semiconductor HDM8513 Datasheet HTML 50Page - Hynix Semiconductor HDM8513 Datasheet HTML 51Page - Hynix Semiconductor HDM8513 Datasheet HTML 52Page - Hynix Semiconductor HDM8513 Datasheet HTML 53Page - Hynix Semiconductor HDM8513 Datasheet HTML 54Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
17
Viterbi Byte-Sync control
Once the viterbi lock(VB_NODESYNC) is achieved, the Viterbi decoder
tries to find the byte-sync. This 8-bit register is used to set “unlock-
threshold” for the byte-sync. Large number means it needs more bad-
data to get out of the byte-sync state, i.e. less sensitive to noise. The
default value is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67