データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDM8513 データシート(PDF) 52 Page - Hynix Semiconductor

部品番号 HDM8513
部品情報  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 データシート(HTML) 52 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 48Page - Hynix Semiconductor HDM8513 Datasheet HTML 49Page - Hynix Semiconductor HDM8513 Datasheet HTML 50Page - Hynix Semiconductor HDM8513 Datasheet HTML 51Page - Hynix Semiconductor HDM8513 Datasheet HTML 52Page - Hynix Semiconductor HDM8513 Datasheet HTML 53Page - Hynix Semiconductor HDM8513 Datasheet HTML 54Page - Hynix Semiconductor HDM8513 Datasheet HTML 55Page - Hynix Semiconductor HDM8513 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
52
1A
Rate 2/3 Threshold Select
This seven bit parameter defines the threshold used in the node
synchronization process. For rate 2/3, the nominal value is 30 (1EH).
1B
Rate 3/4 Threshold Select
This seven bit parameter defines the threshold used in the node
synchronization process. For rate 3/4, the nominal value is 40 (28H).
1C
Rate 5/6 Threshold Select
This seven bit parameter defines the threshold used in the node
synchronization process. For rate 5/6, the nominal value is 60 (3CH).
1D
Rate 6/7 Threshold Select
This seven bit parameter defines the threshold used in the node
synchronization process. For rate 6/7, the nominal value is 60 (3CH).
1E
Rate 7/8 Threshold Select
This seven bit parameter defines the threshold used in the node
synchronization process. For rate 7/8, the nominal value is 60 (3CH).
Bit 7. This bit should be fixed to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67