データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM17CM256 データシート(PDF) 46 Page - Hynix Semiconductor

部品番号 HM17CM256
部品情報  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 データシート(HTML) 46 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 42Page - Hynix Semiconductor HM17CM256 Datasheet HTML 43Page - Hynix Semiconductor HM17CM256 Datasheet HTML 44Page - Hynix Semiconductor HM17CM256 Datasheet HTML 45Page - Hynix Semiconductor HM17CM256 Datasheet HTML 46Page - Hynix Semiconductor HM17CM256 Datasheet HTML 47Page - Hynix Semiconductor HM17CM256 Datasheet HTML 48Page - Hynix Semiconductor HM17CM256 Datasheet HTML 49Page - Hynix Semiconductor HM17CM256 Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
HM17CM256
- 46 -
(32) COMMAND SETTING EXAMPLE
(32-1) initial setting
electric volume code set
bias ratio set
power control set
(DCON=”1”, AMPON=”1”)
(notice) If the voltage level of VEE and VDD are different, VDD should be inputted first.
(32-2) DATA DISPLAY
display start line set
increment mode set
X address set
Y address set
display data write
display ON/OFF command set(ON/OFF=”1”)
VDD, VEE-VSS power ON
Power stable
RESET input
WAIT
Function setting by command (user setting
End of initial setting
Function setting by command (user setting
End of initialization
Function setting by command (user setting)
Data display
Function setting by command (user setting)
Function setting by command (user setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More