| データシートサーチシステム |
|
HM17CM256 データシート(PDF) 53 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HM17CM256 データシート(HTML) 53 Page - Hynix Semiconductor |
|
53 / 111 page ![]() HM17CM256 - 53 - INSTRUCTION TABLE (6) CODE (80 series I/F) CODE INSTRUCTION CS RS RD WR RE2 RE1 RE0 D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION Window end X address(lower) [0H] 0 1 1 0 1 0 1 0 0 0 0 EX3 EX2 EX1 EX0 Window mode X direction end address set Window end X address (upper ) [1H] 0 1 1 0 1 0 1 0 0 0 1 * EX6 EX5 EX4 Window mode X direction end address set Window end Y address (lower ) [2H] 0 1 1 0 1 0 1 0 0 1 0 EY3 EY2 EY1 EY0 Window mode Y direction end address set Window end Y address (upper) [3H] 0 1 1 0 1 0 1 0 0 1 1 * EY6 EY5 EY4 Window mode Y direction end address set Line inversion start Address (lower) [4H] 0 1 1 0 1 0 1 0 1 0 0 LS3 LS2 LS1 LS0 Line inversion start address set Line inversion start address (upper) [5H] 0 1 1 0 1 0 1 0 1 0 1 * LS6 LS5 LS4 Line inversion start address set Line inversion end Address (lower) [6H] 0 1 1 0 1 0 1 0 1 1 0 LE3 LE2 LE1 LE0 Line inversion end address set Line inversion end Address (upper) [7H] 0 1 1 0 1 0 1 0 1 1 1 * LE6 LE5 LE4 Line inversion end address set Line inversion control [8H] 0 1 1 0 1 0 1 1 0 0 0 * * BT LR EV LREV,BT: line inversion display set Dummy segment driver address set [9 H] 0 1 1 0 1 0 1 1 0 0 1 * * * DM Y Dummy segment driver address selection PWM mode control [AH] 0 1 1 0 1 0 1 1 0 1 0 PW MS PW MA PW MB PW MC PWM mode selection RE register set [FH] 0 1 1 0 0/1 0/1 0/1 1 1 1 1 TST0 RE2 RE1 RE0 RE flag set Notice 1) * mark is Don’t Care Notice 2) [ ] The inner side number is an address for internal register read. Notice 3) The commands that upper/lower register settings are demanded are effective at the point of commands input. But electric volume is effective after upper and lower register setting. |