| データシートサーチシステム |
|
ICS1523MLF データシート(PDF) 12 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1523MLF データシート(HTML) 12 Page - Integrated Circuit Systems |
|
12 / 21 page ![]() Video Clock Synthesizer with I2C Programmable Delay ICS1523 MDS 1523 Y 12 Revision 110905 Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com Section 11 Programming 11.1 Industry-Standard I2C Serial Bus: Data Format Figure 11-1 ICS1523 Data Format for I2C 2-Wire Serial Bus Note: • 1 - Lower nibble of the I2C register automatically increments after each successive data byte is written to or read from the ICS1523. • 2 - Upper nibble of the I2C register does not automatically increment, and the software must explicitly re-address the ICS1523. The software: – Must NOT just index 0 and then do all the I/O as one-byte transactions. – Must break the transactions into at least two separate bus transactions: (1) 00 to 08 (2) 10 to 12 Write Procedure for Single Register MSB LSB S 010 01 1X 0 A A A Device address Register Index Data Read Procedure for Single Register MSB LSB MSB LSB S 010 01 1X 0 A A S 01 00 11X 1 A A Device address Register Index Device address Data Repeat START NO Acknow ledge Write Procedure for Multiple Registers (Note 1) MSB LSB S 010 01 1X 0 A A A A A Device address Register Index Data Data Read Procedure for M ultiple Registers (Note 1) MSB LSB MSB LSB S 010 01 1X 0 A A S 01 00 11X 1 A A A Device address Register Index Device address Data Data Repeat START NO Acknow ledge Legend All values are sent with the most-significant bit (MSB) first and least-significant bit (LSB) last. R = Read = 1 W = Write = 0 S = Start (SDA goes low when SCL was high, then SCL goes low too) A = ACK = Acknowledge = 0 A = ACK = No Acknowledge = 1 X = Bit value that equals logic state of SBADR pin. = (Dashed Line) Multiple transactions Bus Master drives signal to ICS1523 ICS1523 (Slave Device) drives signal to Bus Master Stop Stop Stop Stop |