データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS1889 データシート(PDF) 32 Page - Integrated Circuit Systems

部品番号 ICS1889
部品情報  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 データシート(HTML) 32 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems ICS1889 Datasheet HTML 29Page - Integrated Circuit Systems ICS1889 Datasheet HTML 30Page - Integrated Circuit Systems ICS1889 Datasheet HTML 31Page - Integrated Circuit Systems ICS1889 Datasheet HTML 32Page - Integrated Circuit Systems ICS1889 Datasheet HTML 33Page - Integrated Circuit Systems ICS1889 Datasheet HTML 34Page - Integrated Circuit Systems ICS1889 Datasheet HTML 35Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
ICS1889
MDI Input to Carrier Assertion / De-asseration
*Note: The IEEE maximum is 20 bit times.
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t 1
1st bit of /J/ into TP_RX to CRS assert*
8
bits
t2
1st bit of /J/ into TP_RX while transmitting
data to COL assert (Half Duplex Mode)*
8
bits
t 3
1st bit of /T/ into TP_RX to CRS de-assert**
14
bits
t4
1st bit of /T/ into TP_RX to COL de-assert
(Half Duplex Mode)**
14
bits
**Note: The IEEE minimum is 13 bit times and the maximum is 24 bit times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35