| データシートサーチシステム |
|
ICS1892Y データシート(PDF) 60 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892Y データシート(HTML) 60 Page - Integrated Circuit Systems |
|
60 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 60 Chapter 8 Management Register Set ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 8.1.2 Management Register Bit Access The ICS1892 Management Registers include one or more of the three following types of bits: 8.1.3 Management Register Bit Default Values The tables in this chapter specify for each register bit the default value, if one exists. The ICS1892 sets all Management Register bits to their default values after a reset. Table 8-4 lists the valid default values for ICS1892 management register bits. Note: The ICS1892 has a number of reserved bits throughout the Management Registers. Most of these bits provide enhanced test modes. The Management Register tables provide the default values for these bits. The STA must not change the value of these bits under any circumstance. If the STA inadvertently changes the default values of these reserved register bits, normal operation of the ICS1892 can be affected. Table 8-3. Description of Management Register Bit Types Management Register Bit Types Bit Symbol Description Read-Only RO An STA can obtain the value of a RO register bit. However, it cannot alter the value of (that is, it cannot write to) an RO register bit. The ICS1892 isolates any STA attempt to write a value to an RO bit. Command Override Write CW An STA can read a value from a CW register bit. However, write operations are conditional, based on the value of the Command Register Override bit (bit 16.15). When bit 16.15 is logic: • Zero (the default), the ICS1892 isolates STA attempts to write to the CW bits (that is, CW bits cannot be altered when bit 16.15 is logic zero). • One, the ICS1892 permits an STA to alter the value of the CW bits in the subsequent register write. (Bit 16.15 is self-clearing and automatically clears to zero on the subsequent write.) Read/Write R/W An STA can unconditionally read from or write to a R/W register bit. Read/Write Zero R/W0 An STA can unconditionally read from a R/W0 register bit, but only a ‘0’ value can be written to this bit. Table 8-4. Range of Possible Valid Default Values for ICS1892 Register Bits Default Condition Default Value – Indicates there is no default value for the bit 0 Indicates the bit’s default value is logic zero 1 Indicates the bit’s default value is logic one State of pin at reset For some bits, the default value depends on the state of a particular pin at reset (that is, the state value of a pin is latched at reset.) An example of pins that have a default condition that depends on the state of the pin at reset are the PHY / LED pins (P0AC, P1CL, P2LI, P3TD, and P4RD) discussed in Section 6.9, “Status Interface”, Section 8.11, “Register 16: Extended Control Register”, and Section 9.2.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins” |