| データシートサーチシステム |
|
ICS1892Y データシート(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892Y データシート(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 148 page ![]() Chapter 1 Abbreviations and Acronyms ICS1892, Rev. D, 2/26/01 February 26, 2001 9 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. Chapter 1 Abbreviations and Acronyms Table 1-1 lists and interprets the abbreviations and acronyms used throughout this data sheet. Table 1-1. Abbreviations and Acronyms Abbreviation / Acronym Interpretation 4B/5B 4-Bit / 5-Bit Encoding/Decoding ANSI American National Standards Institute CMOS complimentary metal-oxide semiconductor CSMA/CD Carrier Sense Multiple Access with Collision Detection CW Command Override Write DSP digital signal processing ESD End-of-Stream Delimiter FDDI Fiber Distributed Data Interface FLP Fast Link Pulse IDL A ‘dead’ time on the link following a 10Base-T packet, not to be confused with idle IEC International Electrotechnical Commission IEEE Institute of Electrical and Electronic Engineers ISO International Standards Organization LH Latching High LL Latching Low LMX Latching Maximum MAC Media Access Control Max. maximum Mbps Megabits per second MDI Media Dependent Interface MF Management Frame MII Media Independent Interface Min. minimum MLT-3 Multi-Level Transition Encoding (3 Levels) N/A Not Applicable NLP Normal Link Pulse No. Number NRZ Not Return to Zero NRZI Not Return to Zero, Invert on one OSI Open Systems Interconnection |