データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HTMS8201FTK データシート(PDF) 30 Page - NXP Semiconductors

部品番号 HTMS8201FTK
部品情報  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTK データシート(HTML) 30 Page - NXP Semiconductors

Back Button HTMS8201FTK Datasheet HTML 26Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 27Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 28Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 29Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 30Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 31Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 32Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 33Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
30 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
13.4.3.2
Anticollision with 16 slots
The transponder IC will receive several inventory commands with NOS = '0' defining an
amount of 16 slots. Within the request there is the mask specified by length and value
(sent LSB first).
In case of mask length = '0' the four least significant bits of transponder ICs UID become
the starting value of transponder IC's slot counter.
In case of mask length
 '0' the received fractional mask is compared to transponder IC's
UID. If it matches the starting value for transponder IC's slot number will be calculated.
Starting at last significant bit of the sent mask the next four less significant bits of UID are
used for this value. At the same time transponder IC's slot counter is reset to '0'.
Now the RWD begins its anticollision algorithm. Every time the transponder IC receives an
EOF it increments slot-counter. Now if mask value and slot-counter value are matching
the transponder IC responses with the remaining UID without mask value but with slot
number
In case of collision within one slot the RWD changes the mask value and starts again
running its algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57