| データシートサーチシステム |
|
BQDHT2 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BQDHT2 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog 7-96 Product Category MCCB Molded Case Circuit Breakers External Accessories Selection n Built to order. Allow 2–3 weeks for delivery. s Built to order. Allow 6–8 weeks for delivery. a Kit consists of 4 screws and washers. b Consists of 1 screw and washers (order 100). c Consists of 1 screw and washers (order 50). d With mechanical interlock in place, no accessory can be installed into circuit breaker right pole. e Addition of the mechanical interlock will prevent accessory installation in the left pole. f Sold only in standard package quantities. Multiply List Price Each times package quantity for full price. g Mechanical interlock is not designed for use within Siemens panelboards. Mounting Screw Kits CQD, CQD6 CQDSMKa 1 11⁄4 NGG MSKG4a 1 1 ⁄4 All QJ MSQJa 1 1 All ED (CED6 requires 2 kits) MSE6a 1 1 ⁄4 MSE6100b 100f 1 All FD (CFD6 requires 2 kits) MSF6a 1 1 ⁄4 MSF650c 50f 1 All EG 1-pole MSKE1 — — All EG 2-pole MSKE2 — — All EG 3 or 4-pole MSKE4 — — All JD, LD MSJ6a 1 1⁄4 All LMD MSLMD 1 1 ⁄4 All MD, ND, MSMN 1 1⁄4 All PD, RD MSPR6 1 2 Mounting Screw Kit MSE6 Mechanical Interlock MI5444 Face Mounting Plates For Use With Number Catalog Standard Wt Lb/ Breaker Frame(s) of Poles Number Package Std Pkg 1 CQDFMB1 1 1 ⁄4 CQD, CQD6 2 CQDFMB2n 1 1 ⁄4 3 CQDFMB3n 1 1 ⁄4 1 FMPG1 1 1 ⁄4 NGG 2 FMPG2 1 1 ⁄4 3 FMPG3 1 1 ⁄4 Back Mounting Plates ED2, ED4, ED6, hED4, hED6 1 E2BMB 1 1 ⁄4 “MI” Mechanical Interlocks For Use With Panelg Plug-in Standard Wt Lb Breaker Type(s) Mounted Mounted Package Std Pkg All EG (Sliding Bar) HSBE — 1 — All QJ CSO — — 0 1 All FD MI5444 MI5444 1 — All JD, LD MI5413d — 1 1 All LMD MI5406dn — 1 1 All MD MI5404en — 1 3 All ND MI5404en — 1 3 All PD, RD MI5405es — — — Complete with two breakers |