| データシートサーチシステム |
|
BQDHT2 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BQDHT2 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog 7-97 Product Category MCCB Molded Case Circuit Breakers External Accessories Selection n Built to order. Allow 2–3 weeks for delivery. s Built to order. Allow 6–8 weeks for delivery. a For use on 3-pole ED frame only. b Meets the requirements of NFPA 79, section 5.3.3.1 for locking external operator disconnecting devices. c For 3 or 3R, order shaft and breaker operator as shown, and handle RhOh. For 4 & 4X, order handle RHOH4. Consult sales office for additional EG operator shaft lengths. d For extended shaft support order catalog number RHONSB2. e Consult Siemens Sales Office for NFPA-79 Compliance. RHOH CRHOH Rotary Door Mounted Operating handles Standard Depth F6RH1 Variable Depth F6RHV9 D11CEU2 Rotary handle RHOCQVD Rotary Door Mounted Operating Handlese Types 1, 3, 3R , 12, 4 4X For Use With Breaker Frames Complete Mechanism Handle Only Breaker Operator Shaft Only Catalog Number Catalog Number Catalog Number Length (inches) Catalog Number Standard Depth Variable Depth EG RHVE64X RHVE124X — — — — EDa CRHOESD CRHOEVD CRHOHc RHOEBO 2 RHOSSD FD CRHOFSD CRHOFVD RHOFBO 12 RHOSVD JD, LD CRHOJSD CRHOJVD RHOJBO 16 RHOSXD LMD CRHOLMSD CRHOLMVD RHOLMBO MD, ND PD, RD RHONSD RHONVD RHOH RHONBOd 3 RHONSSDs 12 RHONSVD 24 RHONSXD Rotary Door Mounted Operating Handlese Types 1 & 12 For Use With Breaker Frames Standard Depth Variable Depth Handle and Shaft Breaker Operator Catalog Number Catalog Number Catalog Number Catalog Number CQD, NGG — RHOCQVD RHOH62 CQDOP ED D11CEU1 D11CEU2 — — FD D11CFU1s D11CFU2 — — JD, LD — D11CJU2 — — For CQD and NGG red emergency handle, order assembly RHOCQVDE (includes handle and operator).s For CQD and NGG in a NEMA 3R enclosure, order CQDOP34 operator, RHOH handle and RHOSVD shaft. For CQD and NGG in a NEMA 4 or 4X enclosure, order CQDOP34 operator, RHOH4 handle and RHOSVD shaft. Through Door Mounted Operating Handlesb Types 1 & 12 For Use With Breaker Frames Standard Depth Variable Depth Catalog Number Catalog Number CQD, NGG FMHOS — QJ OH9498n VH9499 EG (3 & 4-Pole only) RHFESD — EG (red handle) RHFESDEM — ED E2RH1 E2RHV9 FD F6RH1 F6RHV9 Door Latch Kits Type Catalog Number Catalog Number Right Hand Left Hand 2 point latch DKR2 DKL2n 3 point latch DKR3 DKL3n |