データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

376 データシート(PDF) 49 Page - Intel Corporation

部品番号 376
部品情報  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

376 データシート(HTML) 49 Page - Intel Corporation

Back Button 376 Datasheet HTML 45Page - Intel Corporation 376 Datasheet HTML 46Page - Intel Corporation 376 Datasheet HTML 47Page - Intel Corporation 376 Datasheet HTML 48Page - Intel Corporation 376 Datasheet HTML 49Page - Intel Corporation 376 Datasheet HTML 50Page - Intel Corporation 376 Datasheet HTML 51Page - Intel Corporation 376 Datasheet HTML 52Page - Intel Corporation 376 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 27
Bus States
T1first clock of a non-pipelined bus cycle (80376 drives new address status and asserts ADS)
T2subsequent clocks of a bus cycle when NA has not been sampled asserted in the current bus cycle
T2Isubsequent clocks of a bus cycle when NA has been sampled asserted in the current bus cycle but there is not yet
an internal bus request pending (80376 will not drive new address status or assert ADS)
T2Psubsequent clocks of a bus cycle when NA has been sampled asserted in the current bus cycle and there is an
internal bus request pending (80376 drives new address status and asserts ADS)
T1Pfirst clock of a pipelined bus cycle
Tiidle state
Thhold acknowledge state (80376 asserts HLDA)
Asserting NA for pipelined bus cycles gives access to three more bus states T2I T2P and T1P
Using pipelining the fastest bus cycle consists of T1P and T2P
Figure 412 80376 Processor Complete Bus States (Including Pipelining)
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95