| データシートサーチシステム |
|
80960HA データシート(PDF) 11 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HA データシート(HTML) 11 Page - Intel Corporation |
|
11 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 5 2.3 Instruction Set Summary Table 4 summarizes the 80960Hx instruction set by logical groupings. Table 4. 80960Hx Instruction Set Data Movement Arithmetic Logical Bit / Bit Field / Byte Load Store Move Load Address Conditional Select(2) Add Subtract Multiply Divide Remainder Modulo Shift Extended Shift Extended Multiply Extended Divide Add with Carry Subtract with Carry Rotate Conditional Add(2) Conditional Subtract(2) And Not And And Not Or Exclusive Or Not Or Or Not Nor Exclusive Nor Not Nand Set Bit Clear Bit Not Bit Alter Bit Scan For Bit Span Over Bit Extract Modify Scan Byte for Equal Byte Swap(2) Comparison Branch Call/Return Fault Compare Conditional Compare Compare and Increment Compare and Decrement Compare Byte(2) Compare Short(2) Test Condition Code Check Bit Unconditional Branch Conditional Branch Compare and Branch Call Call Extended Call System Return Branch and Link Conditional Fault Synchronize Faults Debug Processor Mgmt Atomic Cache Control Modify Trace Controls Mark Force Mark Flush Local Registers Modify Arithmetic Controls Modify Process Controls Interrupt Enable/ Disable(1,2) System Control(1) Atomic Add Atomic Modify Instruction Cache Control(1,2) Data Cache Control(1,2) NOTES: 1. 80960Hx extensions to the 80960 core instruction set. 2. 80960Hx extensions to the 80960Cx instruction set. |