| データシートサーチシステム |
|
80960HA データシート(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HA データシート(HTML) 5 Page - Intel Corporation |
|
5 / 102 page ![]() Advance Information Datasheet v 80960HA/HD/HT 50 BOFF Functional Timing. BOFF occurs during a burst or non-burst data cycle. .......................................................................................... 67 51 HOLD Functional Timing .................................................................................... 68 52 LOCK Delays HOLDA Timing ............................................................................ 69 53 FAIL Functional Timing....................................................................................... 69 54 A Summary of Aligned and Unaligned Transfers for 32-Bit Regions ................. 70 56 A Summary of Aligned and Unaligned Transfers for 16-Bit Bus ........................ 72 57 A Summary of Aligned and Unaligned Transfers for 8-Bit Bus .......................... 73 58 Idle Bus Operation.............................................................................................. 74 59 Bus States .......................................................................................................... 75 Tables 1 80960Hx Product Description................................................................................ 1 2 Fail Codes For BIST (bit 7 = 1) ............................................................................. 4 3 Remaining Fail Codes (bit 7 = 0)........................................................................... 4 4 80960Hx Instruction Set ........................................................................................ 5 5 80960HA/HD/HT Package Types and Speeds ..................................................... 6 6 Pin Description Nomenclature............................................................................... 7 7 80960Hx Processor Family Pin Descriptions ........................................................ 8 8 80960Hx 168-Pin PGA Pinout — Signal Name Order ........................................ 14 9 80960Hx 168-Pin PGA Pinout — Pin Number Order .......................................... 16 10 80960Hx PQ4 Pinout — Signal Name Order ...................................................... 19 11 80960Hx PQ4 Pinout — Pin Number Order........................................................ 21 12 Maximum TA at Various Airflows in °C (PGA Package Only)..............................24 13 80960Hx 168-Pin PGA Package Thermal Characteristics .................................. 24 14 Maximum TA at Various Airflows in °C (PQ4 Package Only) ..............................25 15 80960Hx 208-Pin PQ4 Package Thermal Characteristics .................................. 25 16 Fields of 80960Hx Device ID............................................................................... 27 17 80960Hx Device ID Model Types........................................................................ 27 18 Device ID Version Numbers for Different Steppings ........................................... 27 19 Operating Conditions........................................................................................... 29 20 VDIFF Specification for Dual Power Supply Requirements (3.3 V, 5 V)...............30 21 80960Hx DC Characteristics ............................................................................... 32 22 80960Hx AC Characteristics ............................................................................... 34 23 AC Characteristics Notes .................................................................................... 36 24 80960Hx Boundary Scan Test Signal Timings.................................................... 36 25 80960Hx Boundary Scan Chain .......................................................................... 76 26 Data Sheet Version -006 to -007 Revision History.............................................. 96 |