| データシートサーチシステム |
|
M80C196KB データシート(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M80C196KB データシート(HTML) 3 Page - Intel Corporation |
|
3 / 30 page ![]() M80C196KB NEW INSTRUCTIONS PUSHA PUSHes the PSW IMASK IMASK1 and WSR (Used instead of PUSHF when new interrupts and registers are used) assembly language format PUSHA object code format k11110100l bytes 1 states on-chip stack 12 off-chip stack 18 POPA POPs the PSW IMASK IMASK1 and WSR (Used instead of POPF when new interrupts and registers are used) assembly language format POPA object code format k11110101l bytes 1 states on-chip stack 12 off-chip stack18 IDLPD Sets the part into Idle or Powerdown Mode assembly language format IDLPD key (keye1 for Idle keye2 for Powerdown) object code format k11110110lkkeyl bytes 2 states legal key 8 illegal key 25 DJNZW Decrement Jump Not Zero using a Word counter assembly language format DJNZW wreg cadd object code format k11100001lkwreglkdispl bytes 3 states jump not taken 6 jump taken 10 CMPL Compare 2 long direct values assembly language format DST SRC CMPL Lreg Lreg object code format k11000101lksrc Lreglkdst Lregl bytes 3 states 7 BMOV Block move using 2 auto-incrementing pointers and a counter assembly language format PTRS CNTREG BMOV Lreg wreg object code format k11000001lkwreglkLregl bytes 3 states internalinternal 8 per transfer a 6 externalinternal 11 per transfer a 6 externalexternal 14 per transfer a 6 3 |