データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M80C196KB データシート(PDF) 4 Page - Intel Corporation

部品番号 M80C196KB
部品情報  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB データシート(HTML) 4 Page - Intel Corporation

  M80C196KB Datasheet HTML 1Page - Intel Corporation M80C196KB Datasheet HTML 2Page - Intel Corporation M80C196KB Datasheet HTML 3Page - Intel Corporation M80C196KB Datasheet HTML 4Page - Intel Corporation M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
M80C196KB
SFR OPERATION
All of the registers that were present on the M8096 work the same way as they did except that the baud rate
value is different The new registers shown in the memory map control new functions The most important new
register is the Window Select Register (WSR) which allows reading of the formerly write-only registers and
vice-versa Using the WSR is described later in this data sheet
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30