| データシートサーチシステム |
|
M24C64-DF データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DF データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 45 page ![]() DocID16891 Rev 30 15/45 M24C64-W M24C64-R M24C64-F 44 5.1.1 Byte Write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven high, the device replies with NoAck, and the location is not modified. If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 9. Figure 9. Write mode sequences with WC = 0 (data write enabled) |