| データシートサーチシステム |
|
M24C64-DF データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DF データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 45 page ![]() DC and AC parameters M24C64-W M24C64-R M24C64-F 24/45 DocID16891 Rev 30 Figure 13. AC measurement I/O waveform Table 9. AC measurement conditions Symbol Parameter Min. Max. Unit Cbus Load capacitance 100 pF - SCL input rise/fall time, SDA input fall time - 50 ns - Input levels 0.2 VCC to 0.8 VCC V - Input and output timing reference levels 0.3 VCC to 0.7 VCC V Table 10. Input parameters Symbol Parameter(1) 1. Characterized only, not tested in production. Test condition Min. Max. Unit CIN Input capacitance (SDA) - - 8 pF CIN Input capacitance (other pins) - - 6 pF ZL Input impedance (E2, E1, E0, WC)(2) 2. E2, E1, E0 input impedance when the memory is selected (after a Start condition). VIN < 0.3 VCC 30 - k Ω ZH VIN > 0.7 VCC 500 - k Ω |