データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4093BMS データシート(PDF) 4 Page - Intersil Corporation

部品番号 CD4093BMS
部品情報  CMOS Quad 2-Input NAND Schmitt Triggers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4093BMS データシート(HTML) 4 Page - Intersil Corporation

  CD4093BMS Datasheet HTML 1Page - Intersil Corporation CD4093BMS Datasheet HTML 2Page - Intersil Corporation CD4093BMS Datasheet HTML 3Page - Intersil Corporation CD4093BMS Datasheet HTML 4Page - Intersil Corporation CD4093BMS Datasheet HTML 5Page - Intersil Corporation CD4093BMS Datasheet HTML 6Page - Intersil Corporation CD4093BMS Datasheet HTML 7Page - Intersil Corporation CD4093BMS Datasheet HTML 8Page - Intersil Corporation CD4093BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7-1077
Specifications CD4093BMS
Positive Trigger
Threshold Voltage
VP10V
VDD = 10V
1, 2, 4
+25oC, +125oC,
-55oC
4.6
7.1
V
VP10V
VDD = 10V
1, 2, 5
+25oC, +125oC,
-55oC
5.6
8.2
V
VP15V
VDD = 15V
1, 2, 5
+25oC, +125oC,
-55oC
6.3
12.7
V
Negative Trigger
Threshold Voltage
VN10V
VDD = 10V
1, 2, 4
+25oC, +125oC,
-55oC
2.5
5.2
V
VN10V
VDD = 10V
1, 2, 5
+25oC, +125oC,
-55oC
3.4
6.6
V
VN15V
VDD = 15V
1, 2, 5
+25oC, +125oC,
-55oC
4.8
9.6
V
Hysteresis Voltage
VH10V
VDD = 10V
1, 2, 4
+25oC, +125oC,
-55oC
1.2
3.4
V
VH10V
VDD = 10V
1, 2, 5
+25oC, +125oC,
-55oC
1.2
3.4
V
VH15V
VDD = 15V
1, 2, 5
+25oC, +125oC,
-55oC
1.6
5.0
V
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. Input on terminals 1, 5, 8, 12
5. Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC
-
7.5
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com