データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4093BMS データシート(PDF) 8 Page - Intersil Corporation

部品番号 CD4093BMS
部品情報  CMOS Quad 2-Input NAND Schmitt Triggers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4093BMS データシート(HTML) 8 Page - Intersil Corporation

  CD4093BMS Datasheet HTML 1Page - Intersil Corporation CD4093BMS Datasheet HTML 2Page - Intersil Corporation CD4093BMS Datasheet HTML 3Page - Intersil Corporation CD4093BMS Datasheet HTML 4Page - Intersil Corporation CD4093BMS Datasheet HTML 5Page - Intersil Corporation CD4093BMS Datasheet HTML 6Page - Intersil Corporation CD4093BMS Datasheet HTML 7Page - Intersil Corporation CD4093BMS Datasheet HTML 8Page - Intersil Corporation CD4093BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-1081
CD4093BMS
FIGURE 11. TYPICAL TRIGGER THRESHOLD VOLTAGE vs.
VDD
FIGURE 12. TYPICAL PERCENT HYSTERESIS vs. SUPPLY
VOLTAGE
FIGURE 13. TYPICAL POWER DISSIPATION vs. FREQUENCY
CHARACTERISTICS
FIGURE 14. TYPICAL POWER DISSIPATION vs. RISE AND
FALL TIMES
Applications
FIGURE 15. WAVE SHAPER
FIGURE 16. MONOSTABLE MULTIVIBRATOR
Typical Performance Curves (Continued)
0
5
AMBIENT TEMPERATURE (TA) = +25
oC
INPUT ON TERMINALS 1, 5, 8, 12 OR 2, 6, 9, 13;
OTHER INPUTS TIED TO VDD
VP
VN
0
5
10
15
20
10
15
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) (V)
0
0
5
10
15
20
5
10
15
20
25
AMBIENT TEMPERATURE (TA) = +25
oC
10-1
100
101
102
103
104
100
10
102
103
104
105
6
4
2
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
28
FREQUENCY (f) (kHz)
SUPPLY VOLTAGE (VDD) = 15V, CL = 50pF
10V, 50pF
10V, 15pF
5V, 50pF
10
102
103
104
105
106
6
4
28
6
4
28
6
4
28
6
4
28
6
4
28
RISE AND FALL TIME (tR, tF) (ns)
10-1
1
10
102
103
104
6
4
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 15pF
2
SUPPLY VOLTAGE (VDD) = 15V,
FREQUENCY (f) = 100kHz
15V, 10kHz
15V, 1kHz
10V, 1kHz
5V, 1kHz
1
VDD
VSS
1/4 CD4093BMS
2
3
VDD
VSS
TO CONTROL
SIGNAL OR
VDD
FREQUENCY RANGE OF WAVE SHAPE
IS FROM DC TO 1MHz
1
1/4 CD4093BMS
2
3
TO CONTROL
SIGNAL OR
VDD
VDD
VSS
1/3 CD4007A
R
C
VSS
VDD
tM = RC
n
50k
Ω≤ R ≤ 1MΩ
100pF
≤ C ≤ 1µF
VDD
VDD-VP
FOR THE RANGE OF R AND C
GIVEN 5
µs < tM < 1s
VDD
VSS
tM



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com