| データシートサーチシステム |
|
CDP1802BCEX データシート(PDF) 9 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1802BCEX データシート(HTML) 9 Page - Intersil Corporation |
|
9 / 27 page ![]() 3-11 Required Memory Access Time Address to Data tACC 5 5 5T-375 5T-250 5T-225 5T-175 ns 5 10 5T-250 5T-150 - - ns 10 10 5T-190 5T-100 - - ns MRD to TPA tSU 5 5 T/2-25 T/2-18 T/2-20 T/2-15 ns 5 10 T/2-20 T/2-15 - - ns 10 10 T/2-15 T/2-10 - - ns NOTE: 1. Typical values are for TA = +25 oC and nominal V DD. Timing Specifications as a function of T(T = 1/fCLOCK) at TA = -40 to +85oC, Except as Noted PARAMETERS SYMBOL TEST CONDITIONS CDP1802A, CDP1802AC CDP1802BC UNITS VCC (V) VDD (V) MIN (NOTE 1) TYP MIN (NOTE 1) TYP Timing Waveforms FIGURE 3. BASIC DC TIMING WAVEFORM, ONE INSTRUCTION CYCLE FETCH (READ) EXECUTE (WRITE) 00 01 10 11 20 21 30 31 40 41 50 51 60 61 70 71 00 01 10 11 20 21 30 31 40 41 50 51 60 61 70 71 00 HI BYTE LOW BYTE HI BYTE LOW BYTE CLOCK ADDRESS TPA TPB MRD MWR DATA VALID INPUT DATA VALID OUTPUT DATA CDP1802A, CDP1802AC, CDP1802BC |