データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9230 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9230
部品情報  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9230 データシート(HTML) 4 Page - Analog Devices

  AD9230_15 Datasheet HTML 1Page - Analog Devices AD9230_15 Datasheet HTML 2Page - Analog Devices AD9230_15 Datasheet HTML 3Page - Analog Devices AD9230_15 Datasheet HTML 4Page - Analog Devices AD9230_15 Datasheet HTML 5Page - Analog Devices AD9230_15 Datasheet HTML 6Page - Analog Devices AD9230_15 Datasheet HTML 7Page - Analog Devices AD9230_15 Datasheet HTML 8Page - Analog Devices AD9230_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9230
Rev. 0 | Page 4 of 32
AC SPECIFICATIONS1
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 2.
AD9230-170
AD9230-210
AD9230-250
Parameter2
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
63.8
64.6
63.7
64.5
63.3
64.1
dB
Full
63.5
63.4
62.5
dB
fIN = 70 MHz
25°C
63.5
64.3
63.3
64.2
63.0
63.9
dB
Full
63.3
63.1
62.3
dB
fIN = 170 MHz3
25°C
63.5
63.4
63.3
dB
fIN = 225 MHz
25°C
63.0
61.5
63.3
dB
SINAD
fIN = 10 MHz
25°C
63.7
64.5
63.6
64.4
63.3
64.0
dB
Full
63.4
63.4
62.4
dB
fIN = 70 MHz
25°C
63.3
64.1
63.2
64.0
62.9
63.7
dB
Full
63.1
63.0
62.2
dB
fIN = 170 MHz3
25°C
63.3
63.1
63.0
dB
fIN = 225 MHz
25°C
61.8
61.1
62.8
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
10.6
10.6
10.5
Bits
fIN = 70 MHz
25°C
10.5
10.5
10.4
Bits
fIN = 170 MHz3
25°C
10.4
10.4
10.3
Bits
fIN = 225 MHz
25°C
10.1
10.0
10.3
Bits
WORST HARMONIC (Second or Third)
fIN = 10 MHz
25°C
−82
−78
−86
−80
−84
−79
dBc
Full
−78
−78
−76
dBc
fIN = 70 MHz
25°C
−78
−76
−80
−77
−79
−76
dBc
Full
−75
−75
−75
dBc
fIN = 170 MHz3
25°C
−78
−79
−78
dBc
fIN = 225 MHz
25°C
−68
−70
−75
dBc
WORST OTHER
(SFDR Excluding Second and Third)
fIN = 10 MHz
25°C
−89
−84
−89
−84
−84
−79
dBc
Full
−83
−83
−76
dBc
fIN = 70 MHz
25°C
−89
−83
−86
−81
−83
−79
dBc
Full
−83
−81
−75
dBc
fIN = 170 MHz3
25°C
−89
−79
−83
dBc
fIN = 225 MHz
25°C
−80
−79
−80
dBc
TWO-TONE IMD
140.2 MHz/141.3 MHz @ −7 dBFS
25°C
73
75
78
dBc
170.2 MHz/171.3 MHz @ −7 dBFS
25°C
67
73
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, “Understanding High Speed ADC Testing and Evaluation,” for a complete set of definitions and how these tests were completed.
3 140 MHz for the AD9230-170 speed grade, 170 MHz for the AD9230-210 and AD9230-250 speed grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com