データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9230 データシート(PDF) 6 Page - Analog Devices

部品番号 AD9230
部品情報  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9230 データシート(HTML) 6 Page - Analog Devices

Back Button AD9230_15 Datasheet HTML 2Page - Analog Devices AD9230_15 Datasheet HTML 3Page - Analog Devices AD9230_15 Datasheet HTML 4Page - Analog Devices AD9230_15 Datasheet HTML 5Page - Analog Devices AD9230_15 Datasheet HTML 6Page - Analog Devices AD9230_15 Datasheet HTML 7Page - Analog Devices AD9230_15 Datasheet HTML 8Page - Analog Devices AD9230_15 Datasheet HTML 9Page - Analog Devices AD9230_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9230
Rev. 0 | Page 6 of 32
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 4.
AD9230-170
AD9230-210
AD9230-250
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
170
210
250
MSPS
Minimum Conversion Rate
Full
40
40
40
MSPS
CLK+ Pulse Width High (tCH)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
CLK+ Pulse Width Low (tCL)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
Output (LVDS − SDR Mode)1
Data Propagation Delay (tPD)
Full
3.0
3.0
3.0
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
0.2
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
0.2
0.2
ns
DCO Propagation Delay (tCPD)
Full
3.9
3.9
3.9
ns
Data to DCO Skew (tSKEW)
Full
−0.3
0.1
0.5
−0.3
0.1
0.5
−0.3
0.1
0.5
ns
Latency
Full
7
7
7
Cycles
Output (LVDS − DDR Mode)2
Data Propagation Delay (tPD)
Full
3.8
3.8
3.8
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
0.2
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
0.2
0.2
ns
DCO Propagation Delay (tCPD)
Full
3.9
3.9
3.9
ns
Data to DCO Skew (tSKEW)
Full
−0.5
0.1
0.3
−0.5
0.1
0.3
−0.5
0.1
0.3
ns
Latency
Full
7
7
7
Cycles
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
ps rms
1 See Figure 2.
2 See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com