| データシートサーチシステム |
|
ADF4106BRUZ-R7 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4106BRUZ-R7 データシート(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() ADF4106 Data Sheet Rev. E | Page 16 of 24 Table 10. Initialization Latch Map P2 P1 0 0 8/9 0 1 16/17 1 0 32/33 1 1 64/65 PD2 PD1 MODE 0 X X 1 X 0 1 0 1 1 1 1 CPI6 CPI5 CPI4 CPI3 CPI2 CPI1 3k Ω 5.1k Ω 11k Ω 0 0 0 1.06 0.625 0.289 0 0 1 2.12 1.25 0.580 0 1 0 3.18 1.875 0.870 0 1 1 4.24 2.5 1.160 1 0 0 5.30 3.125 1.450 1 0 1 6.36 3.75 1.730 1 1 0 7.42 4.375 2.020 1 1 1 8.50 5.0 2.320 TC4 TC3 TC2 TC1 0 0 0 0 3 0 0 0 1 7 0 0 1 0 11 0 0 1 1 15 0 1 0 0 19 0 1 0 1 23 0 1 1 0 27 0 1 1 1 31 1 0 0 0 35 1 0 0 1 39 1 0 1 0 43 1 0 1 1 47 1 1 0 0 51 1 1 0 1 55 1 1 1 0 59 1 1 1 1 63 F4 0 1 1 M3 M2 M1 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 F3 0 1 F2 0 1 F1 0 1 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (1) F1 PD1 M1 M2 M3 F3 P1 P2 CPI1 CPI2 CPI5 CPI6 TC4 PD2 F2 CPI3 CPI4 DB21 TC3 TC2 TC1 DB22 DB23 F4 F5 THREE-STATE F5 X 0 1 NEGATIVE POSITIVE PRESCALER VALUE CURRENT SETTING 2 CURRENT SETTING 1 TIMER COUNTER CONTROL MUXOUT CONTROL CONTROL BITS PHASE DETECTOR POLARITY COUNTER OPERATION NORMAL R, A, B COUNTERS HELD IN RESET CHARGE PUMP OUTPUT NORMAL FASTLOCK DISABLED FASTLOCK MODE 1 FASTLOCK MODE 2 FASTLOCK MODE THREE-STATE OUTPUT DIGITAL LOCK DETECT (ACTIVE HIGH) N DIVIDER OUTPUT DVDD R DIVIDER OUTPUT N-CHANNEL OPEN-DRAIN LOCK DETECT SERIAL DATA OUTPUT DGND OUTPUT TIMEOUT (PFD CYCLES) ICP (mA) ASYNCHRONOUS POWER-DOWN NORMAL OPERATION ASYNCHRONOUS POWER-DOWN SYNCHRONOUS POWER-DOWN CE PIN PRESCALER VALUE |