データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMCF341 データシート(PDF) 35 Page - Analog Devices

部品番号 ADMCF341
部品情報  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 データシート(HTML) 35 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 28Page - Analog Devices ADMCF341_15 Datasheet HTML 29Page - Analog Devices ADMCF341_15 Datasheet HTML 30Page - Analog Devices ADMCF341_15 Datasheet HTML 31Page - Analog Devices ADMCF341_15 Datasheet HTML 32Page - Analog Devices ADMCF341_15 Datasheet HTML 33Page - Analog Devices ADMCF341_15 Datasheet HTML 34Page - Analog Devices ADMCF341_15 Datasheet HTML 35Page - Analog Devices ADMCF341_15 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
REV. A
ADMC(F)341
–35–
1
DM (0x3FFE)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MEMWAIT (R/W)
1
1
0
0
0
0
00
0
11
1
1
1
SPORT1 CONFIGURE
0 = FI, FO, IRQ0, IRQ1, SCLK
1 = SERIAL PORT
SPORT1 ENABLE
0 = DISABLED
1 = ENABLED
SYSCNTL (R/W)
DM (0x3FFF)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
11
1
1
11
1
1
1
1
1
1111
SPORT0 ENABLE
0 = DISABLED
1 = DISABLED
Figure 31. Configuration of Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.
Reserved bits are shown on a gray field—these bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36