データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMCF341 データシート(PDF) 28 Page - Analog Devices

部品番号 ADMCF341
部品情報  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 データシート(HTML) 28 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 24Page - Analog Devices ADMCF341_15 Datasheet HTML 25Page - Analog Devices ADMCF341_15 Datasheet HTML 26Page - Analog Devices ADMCF341_15 Datasheet HTML 27Page - Analog Devices ADMCF341_15 Datasheet HTML 28Page - Analog Devices ADMCF341_15 Datasheet HTML 29Page - Analog Devices ADMCF341_15 Datasheet HTML 30Page - Analog Devices ADMCF341_15 Datasheet HTML 31Page - Analog Devices ADMCF341_15 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
REV. A
–28–
ADMC(F)341
PWMSYNCWT + 1
fCLKOUT
TPWMSYNC, ON =
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
0
00
0
0
0
00
0
0
0
0
0
0
PWMDT (R/W)
PWMDT
PWMTM (R/W)
PWMTM
fCLKOUT
2
PWMTM
fPWM =
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
PWMSEG (R/W)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
01
0
00
1
1
1
00
0
0
0
0
0
0
PWMSYNCWT (R/W)
PWMSYNCWT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
0
00
0
0
0
00
0
0
00
0
0
PWMSWT (R/W)
DM (0x 2008)
DM (0x200F)
2
PWMTM
fCLKOUT
TD =
CH OUTPUT DISABLE
CL OUTPUT DISABLE
BH OUTPUT DISABLE
BL OUTPUT DISABLE
AH OUTPUT DISABLE
AL OUTPUT DISABLE
0 = ENABLE
1 = DISABLE
A CHANNEL CROSSOVER
B CHANNEL CROSSOVER
C CHANNEL CROSSOVER
0 = NO CROSSOVER
1 = CROSSOVER
DM (0x2060)
DM (0x2061)
DM (0x2009)
Figure 23. Configuration of PWM Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.
Reserved bits are shown on a gray field—these bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36