| データシートサーチシステム |
|
UPD16680 データシート(PDF) 12 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680 データシート(HTML) 12 Page - NEC |
|
12 / 44 page ![]() Data Sheet S12694EJ2V0DS00 12 µµµµPD16680 5.2.2 To use internal driving circuit and D/A converter ( VEXT = L , DACHA = H ) To use D/A converter, it is possible to adjust reference voltage VREF inputted to AMPIN(+) pin for LCD driving by command. To set 6-bit data to D/A converter register, reference voltage VREF is choose one level from 64 level in 1/2 VDD to VDD. The formula of VLC1 is as same written in Equation 5-1. Figure 5-3 Using internal power supply select and D/A converter VDD VDD to Internal driving circuit D/A Converter AMPIN(-) AMPout VLC1 R2 R1 C1 + − Rth AMPIN(+) DACHA Open VREF . 5.2.3 To use external driving circuit ( VEXT = H ) When external voltage supply circuit for LCD driving is chosen, operational amplifier incorporated IC is off. Therefore, it is impossible to use operational amplifier for LCD driving and D/A converter function. LCD driving voltage is adjust by the voltage inputted to VLCD and VLC1 pins directly. Remarks 1. Set VLCD ≥ VLC1. 2. DACHA , AMPIN(+), AMPIN(-) are CMOS input. Set H level or L level. 3. Set AMPOUT pin "open". |