データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4071 データシート(PDF) 16 Page - STMicroelectronics

部品番号 AN4071
部品情報  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 データシート(HTML) 16 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 12Page - STMicroelectronics AN4071 Datasheet HTML 13Page - STMicroelectronics AN4071 Datasheet HTML 14Page - STMicroelectronics AN4071 Datasheet HTML 15Page - STMicroelectronics AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Hysteresis
AN4071
16/27
Doc ID 022939 Rev 1
4
Hysteresis
For slow time changing input signal, an output oscillation can appear while the input signal
remains close to the reference voltage. Also low amplitude signal on high impedance can
cause oscillations due to noise background. Such unwelcome behavior can be solved by
hysteresis. The principle of hysteresis consists of two different input threshold voltages
depending on actual output state.
4.1
Built-in hysteresis
Many comparators have built-in hysteresis. Typical hysteresis value is a few mV. This is
enough to suppress output undesired toggling in most cases but it doesn't impact
significantly the resolution of the comparator. For comparators with built-in hysteresis, the
average lower and upper threshold voltage is computed and referred as input offset voltage
VIO, the VTRIP+ and VTRIP- difference is referred as hysteresis voltage VHYST and is shown in
Figure 17.
Figure 17.
Trip point voltage definition
Figure 18.
Input hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27