データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4071 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4071
部品情報  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 17Page - STMicroelectronics AN4071 Datasheet HTML 18Page - STMicroelectronics AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics AN4071 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN4071
Hysteresis
Doc ID 022939 Rev 1
21/27
Figure 25.
Zoom of the signal (green OUT, blue IN+), time scale 20 ns/div.
Main general contributors leading to device oscillation
●
Parasitic capacity/inductance onboard: long narrow wires, signal and output track close
together, device plugged into socket
●
Fast (sharp) output edges: faster edge means higher dV/dT and therefore bigger
impact of parasitic capacities and inductances on the board
●
High impedance on input pins: sensitivity to noise, increased effect of parasitic
structures and signal crosstalk
●
Poor grounding
●
High power supply impedance: inappropriate or missing bypass capacitor
●
No hysteresis (static or dynamic) implemented
●
Use of high-speed comparator where it isn't necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27