データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2159 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN2159
部品情報  SPI protocol for STPM01/STPM10 metering devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2159 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN2159 Datasheet HTML 8Page - STMicroelectronics AN2159 Datasheet HTML 9Page - STMicroelectronics AN2159 Datasheet HTML 10Page - STMicroelectronics AN2159 Datasheet HTML 11Page - STMicroelectronics AN2159 Datasheet HTML 12Page - STMicroelectronics AN2159 Datasheet HTML 13Page - STMicroelectronics AN2159 Datasheet HTML 14Page - STMicroelectronics AN2159 Datasheet HTML 15Page - STMicroelectronics AN2159 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SPI operations
AN2159
12/23
Doc ID 11400 Rev 3
Most of registers holds several distinctive values of certain bit length, except CFL and CFH
that are holding a bit map of configurators. Most of values are codified as unsigned integer,
except for two values in DMV which are codified as signed binary.
The data records have fixed position of reading. This means that no addressing of records is
necessary.
Figure 5.
STPMxx data registers
upper f(u)
0 1
p
p
iRMS
uRMS
iMOM
uMOM
1bit
1bit 1bit
20 bit
20 bit
8 bit
6 bit
11 bit
16 bit
DAP
DRP
DSP
CFH
DFP
DEV
DMV
CFL
reactive energy
type0 active energy
apparent energy
lower part of configurators
upper part of configurators
Status
lower f(u)
parity
parity
parity
parity
parity
parity
parity
parity
4 bit
msb
lsb
type 1 energy
mode signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23