| データシートサーチシステム |
|
AN2159 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2159 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 23 page ![]() AN2159 Converting readings into measured values Doc ID 11400 Rev 3 19/23 Each block of the path contributes to the signal processing with the parameters shown below. Table 2 shows the variable parameters that must be consider as inputs for the following calculation while Table 3 shows device internal constant parameters. The value of the current channel gain Ai depends on the selected current sensor. Please refer to the datasheet for the proper value to select. Figure 8. Current conditioning Figure 9. Current signal path Table 2. Input parameters Parameter Meaning R1, R2 Voltage Divider Resistors Value [Ohm] Ks Current Sensor Sensitivity Value [V/A] x_i_rms RMS Current Register Value expressed as decimal x_u_rms RMS Voltage Register Value expressed as decimal x_i_mom Momentary Current Register Value expressed as decimal x_u_mom Momentary Voltage Register Value expressed as decimal x_f Frequency Register Value expressed as decimal Ai Current Channel Gain |