データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4402 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN4402
部品情報  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics AN4402 Datasheet HTML 10Page - STMicroelectronics AN4402 Datasheet HTML 11Page - STMicroelectronics AN4402 Datasheet HTML 12Page - STMicroelectronics AN4402 Datasheet HTML 13Page - STMicroelectronics AN4402 Datasheet HTML 14Page - STMicroelectronics AN4402 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID025557 Rev 1
11/39
AN4402
Demagnetization energy
38
3.1
Low-side configured output
Figure 7 represents the equivalent electrical diagram during the turn-off phase of a low-side
configured output which drives an inductive load with parallel resistor.
Figure 7. Equivalent electrical diagram during the turn-off phase of an inductive load
with parallel resistor, driven by a low-side configured output.
VL is negative during the turn-off phase according to the used sign convention, since
diL/dt < 0.
3.2
Calculation of the demagnetization energy
Right after the turn-off, assuming that the active clamp is activated (iCL> 0):
Equation 1
Equation 2
with
Taking the time origin as the moment when the output is turned off, this differential equation
(Equation 2) accepts the following general solutions (for t
≥ 0):
V
BAT
R
LiL
L
di
L
dt
--------
V
CL_LS
++
=
di
L
dt
--------
i
L
τ
----
+
V
BAT
V
CL_LS
–
τR
L
----------------------------------------
=
τ
L
R
L
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39