| データシートサーチシステム |
|
AN4402 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4402 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 39 page ![]() Demagnetization energy AN4402 12/39 DocID025557 Rev 1 Equation 3 Where A is a constant which is determined by the boundary condition: Equation 4 Substituting A with its expression in Equation 3 gives: Equation 5 Considering that: Equation 6 Equation 7 Combining Equation 5, Equation 6 and Equation 7: Equation 8 RL// RP is the equivalent resistance of RL in parallel with RP: Equation 9 Equation 8 is valid if iCL(t) ≥ 0 otherwise the active clamp is not triggered. In particular at t = 0, iCL (t = 0) ≥ 0 is equivalent to: i L t () Ae t τ -- – V BAT V CL_LS – R L ---------------------------------------- + = i L t0 = () A V BAT V CL_LS – R L ---------------------------------------- + I L0 V BAT R L -------------- == = i L t () V CL_LS R L -------------------e t τ -- – V CL_LS V BAT – R L ---------------------------------------- for t 0 ≥ () – = R pip V BAT V CL_LS – = i CL t () i p t () i L t () + = i CL t () V CL_LS R L -------------------e t τ -- – V CL_LS V BAT – R L// Rp ---------------------------------------- – = R L// Rp 1 1 R L ------- 1 R p ------- + --------------------- R LRp R L R p + --------------------- == |