データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17072 データシート(PDF) 39 Page - NEC

部品番号 UPD17072
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17072 データシート(HTML) 39 Page - NEC

Back Button UPD17072 Datasheet HTML 35Page - NEC UPD17072 Datasheet HTML 36Page - NEC UPD17072 Datasheet HTML 37Page - NEC UPD17072 Datasheet HTML 38Page - NEC UPD17072 Datasheet HTML 39Page - NEC UPD17072 Datasheet HTML 40Page - NEC UPD17072 Datasheet HTML 41Page - NEC UPD17072 Datasheet HTML 42Page - NEC UPD17072 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
39
µPD17072,17073
6.2 Address Creation of General Register with Each Instruction
The following paragraphs 6.2.1 and 6.2.2 describe how the address of the general register is created when each
instruction is executed.
For details of the operation of each instruction, refer to 7. ALU (Arithmetic Logic Unit) BLOCK.
6.2.1 Addition (“ADD r, m”, “ADDC r, m”),
subtraction (“SUB r, m”, “SUBC r, m”),
logical operation (“AND r, m”, “OR r, m”, “XOR r, m”),
direct transfer (“LD r, m”, “ST m, r”),
rotate processing (“RORC r”) instructions
Table 6-1 shows the address of general register “R” specified by an instruction operand “r”. The operand “r”
specifies only the column address.
Table 6-1. Address Creation of General Register
6.3 Notes on Using General Register
There is no instruction available that performs an operation between the general register and immediate data.
To perform an operation between the data memory specified as the general register and immediate data, the data
memory must be treated as data memory instead of as the general register.
Bank
Row address
Column address
General register address
R
Fixed to 0
r
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
Fixed to 1
6.2.2 Indirect transfer (“MOV @r, m”, “MOV m, @r”) instructions
Table 6-2 shows the address of the general register “R” specified by instruction operand “r”, and the indirect transfer
address specified by “@R”.
Table 6-2. Address Creation of General Register
Bank
Row address
Column address
General register address
R
Fixed to 0
r
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
Indirect transfer address
@R
Contents of R
Fixed to 0
Fixed to 0
Fixed to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More