| データシートサーチシステム |
|
UPD17072 データシート(PDF) 49 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17072 データシート(HTML) 49 Page - NEC |
|
49 / 226 page ![]() 49 µPD17072,17073 Figure 8-2. Configuration of Peripheral Control Registers (2/2) INT pin interrupt request register Basic timer 1 interrupt request register Serial interface interrupt request register BEEP clock select register A/D converter channel select register A/D converter reference voltage setting register A/D converter compare start register A/D converter compare result detection register 89 A B C D E F 0 0 0 I R Q 0 00 I R Q B T M 1 00 0 I R Q S I O B E E P 0 C K 1 00 B E E P 0 C K 0 A D C C H 1 00 A D C C H 0 A D C R F S E L 1 A D C R F S E L 3 A D C R F S E L 2 A D C R F S E L 0 0 00 A D C S T R T 0 00 A D C C M P R/W R/W R/W R/W R/W R/W R/W R PLL data register PLL unlock FF register Port 0B bit I/O select register Port 0C bit I/O select register PLL data set register P L L R 1 1 P L L R 1 2 P L L R 1 3 P L L R 1 0 P L L R 7 P L L R 9 P L L R 8 P L L R 6 P L L R 5 P L L R 4 P L L R 3 P L L R 20 P L L R 10 0 0 00 P L L P U T 0 00 P L L U L P 0 B B I O 1 P 0 B B I O 3 P 0 B B I O 2 P 0 B B I O 0 P 0 C B I O 1 P 0 D B I O 3 P 0 D B I O 2 P 0 C B I O 0 R/W W R&Reset R/W R/W |